|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NE650R479A-T1 - 0.4 W L, S-BAND POWER GaAs MES FET - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NES1823P-140 | 140 W L S-BAND PUSH-PULL POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| NES1823P-45 | 45 W L S-BAND PUSH-PULL POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| NE6500496 | 4 W L S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 5 More | NEC |
| NES2427P-45 | 45 W S-BAND PUSH-PULL POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| NE6501077 | 10 W L S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 5 More | NEC |
| NES2427P-60 | 60 W S-BAND PUSH-PULL POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| NE650R279A | 0.2 W L S-BAND POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| NES2527B-30 | 30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 | NEC |
| NEZ3642-15D | 15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 5 More | NEC |
| NEZ3642-4D | 4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|