Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4809NA Datasheet (PDF) - ON Semiconductor

NTD4809NA Datasheet PDF - ON Semiconductor
Part # NTD4809NA
Download  NTD4809NA Download

File Size   116.53 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25 V, 58 A, Single N- Channel, DPAK/IPAK

NTD4809NA Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD4809NA Datasheet PDF - ON Semiconductor

Part # NTD4809NA
Download  NTD4809NA Click to download

File Size   116.53 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 25 V, 58 A, Single N- Channel, DPAK/IPAK

NTD4809NA Datasheet (HTML) - ON Semiconductor

NTD4809NA Datasheet HTML 1Page - ON Semiconductor NTD4809NA Datasheet HTML 2Page - ON Semiconductor NTD4809NA Datasheet HTML 3Page - ON Semiconductor NTD4809NA Datasheet HTML 4Page - ON Semiconductor NTD4809NA Datasheet HTML 5Page - ON Semiconductor NTD4809NA Datasheet HTML 6Page - ON Semiconductor NTD4809NA Datasheet HTML 7Page - ON Semiconductor NTD4809NA Datasheet HTML 8Page - ON Semiconductor

NTD4809NA Product details

Power MOSFET

25 V, 58 A, Single N- Channel, DPAK/IPAK



Features

• Low RDS(on) to Minimize Conduction Losses

• Low Capacitance to Minimize Driver Losses

• Optimized Gate Charge to Minimize Switching Losses

• These are Pb-Free Devices



Applications

• CPU Power Delivery

• DC-DC Converters

• Low Side Switching



 




Similar Part No. - NTD4809NA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NA ONSEMI-NTD4809NA Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
More results


Similar Description - NTD4809NA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com