Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMD4118OWSR Datasheet (PDF) - Ericsson

PMD4118OWSR Datasheet PDF - Ericsson
Part # PMD4118OWSR
Download  PMD4118OWSR Download

File Size   973.33 Kbytes
Page   45 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W

PMD4118OWSR Datasheet (PDF)

Go To PDF Page Download Datasheet
PMD4118OWSR Datasheet PDF - Ericsson

Part # PMD4118OWSR
Download  PMD4118OWSR Click to download

File Size   973.33 Kbytes
Page   45 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W

PMD4118OWSR Datasheet (HTML) - Ericsson

Back Button PMD4118OWSR Datasheet HTML 1Page - Ericsson PMD4118OWSR Datasheet HTML 2Page - Ericsson PMD4118OWSR Datasheet HTML 3Page - Ericsson PMD4118OWSR Datasheet HTML 4Page - Ericsson PMD4118OWSR Datasheet HTML 5Page - Ericsson PMD4118OWSR Datasheet HTML 6Page - Ericsson PMD4118OWSR Datasheet HTML 7Page - Ericsson PMD4118OWSR Datasheet HTML 8Page - Ericsson PMD4118OWSR Datasheet HTML 9Page - Ericsson PMD4118OWSR Datasheet HTML 10Page - Ericsson Next Button 



Similar Part No. - PMD4118OWSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD4001K PHILIPS-PMD4001K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4001K NXP-PMD4001K Datasheet
156Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4002K PHILIPS-PMD4002K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4002K NXP-PMD4002K Datasheet
150Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4003K PHILIPS-PMD4003K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
More results


Similar Description - PMD4118OWSR

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PMF4218TS ERICSSON-PMF4218TS Datasheet
669Kb / 29P
   POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
PMM8218TP ERICSSON-PMM8218TP Datasheet
1Mb / 34P
   POL regulator, Input 8-14 V, Output 50 A/275 W
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com