Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532CD646 Datasheet (PDF) - NEC

MC-4532CD646 Datasheet PDF - NEC
Part # MC-4532CD646
Download  MC-4532CD646 Download

File Size   148.4 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-4532CD646 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4532CD646 Datasheet PDF - NEC

Part # MC-4532CD646
Download  MC-4532CD646 Click to download

File Size   148.4 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-4532CD646 Datasheet (HTML) - NEC

Back Button MC-4532CD646 Datasheet HTML 1Page - NEC MC-4532CD646 Datasheet HTML 2Page - NEC MC-4532CD646 Datasheet HTML 3Page - NEC MC-4532CD646 Datasheet HTML 4Page - NEC MC-4532CD646 Datasheet HTML 5Page - NEC MC-4532CD646 Datasheet HTML 6Page - NEC MC-4532CD646 Datasheet HTML 7Page - NEC MC-4532CD646 Datasheet HTML 8Page - NEC MC-4532CD646 Datasheet HTML 9Page - NEC MC-4532CD646 Datasheet HTML 10Page - NEC Next Button 

MC-4532CD646 Product details

Description
The MC-4532CD646 is a 33,554,432 words by 64 bits synchronous dynamic RAM module on which 16 pieces of 128M SDRAM: µPD45128841 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 33,554,432 words by 64 bits organization
• Clock frequency and access time from CLK
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and full page)
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ±10 % of series resistor
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD



Similar Part No. - MC-4532CD646

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646EF-A10 ELPIDA-MC-4532CD646EF-A10 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646EF-A80 ELPIDA-MC-4532CD646EF-A80 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646PF-A10 ELPIDA-MC-4532CD646PF-A10 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646PF-A80 ELPIDA-MC-4532CD646PF-A80 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-4532CD646

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com