|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LD79U04K - 14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LD79A02K | 30 GHz 20 W CW LIGHT WEIGHT COMPACT EFFICIENT | 1 2 3 4 | NEC |
| LD79U12K | 14 GHz 123 W CW LIGHT WEIGHT COMPACT EFFICIENT | 1 2 3 4 | NEC |
| CTA12 | Switching capacity up to 20A Small size and light weight | 1 2 | CIT Relay & Switch |
| NT73-2 | Small size light weight heavy reverse power. / Low coil power consumption. | 1 2 | DB Lectro Inc |
| CTA1 | Switch Ccapacity up to 25A Small size and light weight PCB pin qiock connect mounting available | 1 2 | List of Unclassifed Manufacturers |
| CGA533048 | LIGHT WEIGHT PRISMATIC MODEL | 1 | Panasonic Semiconductor |
| CA1 | AUTOMOTIVE POWER RELAYS SMALL SIZE LIGHT WEIGHT AND COMPLETELY WATER TIGHT | 1 2 3 4 5 | Nais(Matsushita Electric Works) |
| JMX-94F | Magnet latching relay Small size light weight | 1 2 | DB Lectro Inc |
| JZC-7F | Small size light weight Low price. Low coil power consumption | 1 2 | DB Lectro Inc |
| JZC-22F | Small size light weight .Low coil power consumption. Switching capacity can reach 20A | 1 2 | DB Lectro Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|