|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LD7263 - 14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LD7262 | 6 GHz 750 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7213 | 14 GHz 300 W CW CONDUCTION COOLING HIGH POWER GAIN FLAT GAIN VARIATION | 1 2 3 4 | NEC |
| LD7235 | 30 GHz 150 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7249 | 14 GHz 350 W/400 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7267 | 30 GHz 100 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7272 | 6 GHz 400 W CW CONDUCTION COOLING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7202 | 14 GHz 600 W CW PPM FOCUSING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
| LD7215 | 6 GHz 3 kW HELIX TYPE PPM FOCUSING HIGH POWER GAIN FLAT GAIN VARIATION | 1 2 3 4 | NEC |
| HMC-C026 | WIDEBAND HIGH GAIN POWER AMPLIFIER MODULE 2 - 20 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| LD7215W | 6 GHz 3 kW CW PPM FOCUSING HIGH POWER GAIN | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|