|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L8601-01 - 90KV MICROFOCUS X-RAY SOURCE - Hamamatsu Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L6622-01 | 130 KV MICROFOCUS X-RAY SOURCE | 1 2 3 4 | Hamamatsu Corporation |
| L7901-01 | 100kV MICROFOCUS X-RAY SOURCE | 1 2 3 4 | Hamamatsu Corporation |
| L8121-01 | 150kV MICROFOCUS X-RAY SOURCE | 1 2 3 4 | Hamamatsu Corporation |
| UPD16732A | 384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES | 1 2 3 4 5 More | NEC |
| MN838850 | Source Driver for LCD Panel Drive | 1 2 3 4 5 More | Panasonic Semiconductor |
| HV9906DB2 | Off-Line Current Source Controller | 1 2 3 4 | Supertex, Inc |
| TD62783APA | 8CH HIGH-VOLTAGE SOURCE DRIVER | 1 2 3 4 5 More | Toshiba Semiconductor |
| HLMP-3300 | SECOND SOURCE T-1 3/4 SOLID STATE LAMPS | 1 2 3 | QT Optoelectronics |
| S6C0678 | 6 BIT 420 CHANNEL TFT-LCD SOURCE DRIVER | 1 2 3 4 5 More | Samsung semiconductor |
| A1112 | A1112 High-Power 1550 nm DFB Source Lasers | 1 2 3 4 5 More | Agere Systems |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|