|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
CG3 - CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER - General Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BY228 | CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER | 1 2 | General Semiconductor |
| CG1 | MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER | 1 2 | General Semiconductor |
| CG2 | MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER | 1 2 | General Semiconductor |
| CGP30 | Clamper/Damper Glass Passivated Rectifier | 1 2 | Vishay Siliconix |
| CGP15 | Miniature Clamper/Damper Glass Passivated Rectifier | 1 2 | Vishay Siliconix |
| CGP20 | Miniature Clamper/Damper Glass Passivated Rectifier | 1 2 | Vaishali Semiconductor |
| GBU8A | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 | Transys Electronics |
| TS600R | GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER | 1 2 | Transys Electronics |
| ER1000F | 10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| HER1601G | 16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|