|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BYM13-20 - SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER - General Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SL32 | LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Transys Electronics |
| SK12 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SK12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Shanghai Sunrise Electronics |
| SM5817 | TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Dc Components |
| 1N5819HW | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B220 | 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SBG1630CT | 16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SS12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | General Semiconductor |
| SSCD052 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Zowie Technology Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|