|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAS85 - Schottky Diodes - General Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAT54ALT1 | Schottky Barrier Diodes | 1 2 3 4 | ON Semiconductor |
| MA2HD09 | Schottky Barrier Diodes SBD | 1 2 | Panasonic Semiconductor |
| 1PS89SB14 | Schottky barrier double diodes | 1 2 3 4 5 More | NXP Semiconductors |
| BAT54W | Schottky barrier double diodes | 1 2 3 4 5 | NXP Semiconductors |
| PBYR10100X | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| PBYR225CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| PBYR645CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| FMB-G16L | Schottky Barrier Diodes 60V | 1 2 | Sanken electric |
| SPJ-63S | Schottky Barrier Diodes Power Surface Mount 30V 40V 60V | 1 | Sanken electric |
| BAS40W | Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping | 1 2 3 4 | Siemens Semiconductor Group |
Datasheet Page |
1 2 |
Link URL |
|
|