|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4761 - ZENER DIODES - General Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1SMA5913BT3 | PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| RD120S | ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD | 1 2 3 4 5 More | NEC |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| CDLL3016B | 1 WATT ZENER DIODES | 1 2 | Compensated Deuices Incorporated |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 4 5 More | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| 1N957 | ZENER DIODES | 1 2 | General Semiconductor |
| DZ23 | Dual Common-Cathode Zener Diodes | 1 2 3 4 5 More | General Semiconductor |
| MMBZ5225 | ZENER DIODES | 1 2 | General Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|