![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N5227 - ZENER DIODES - General Semiconductor |
|
Click Here View 1N5227 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1SMA5913BT3 | PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS | Motorola, Inc |
| RD120S | ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD | NEC |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| CDLL3016B | 1 WATT ZENER DIODES | Compensated Deuices Incorporated |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | EIC discrete Semiconductors |
| 1N957 | ZENER DIODES | General Semiconductor |
| DZ23 | Dual Common-Cathode Zener Diodes | General Semiconductor |
| MMBZ5225 | ZENER DIODES | General Semiconductor |
Link URL |
|
|
Related keyword |
| 1N5227 Datasheet | 1N5227 Cross Reference | 1N5227 Schematic | 1N5227 Distributor | 1N5227 Datenblatt | 1N5227 RoHS |
| 1N5227 Equivalent | 1N5227 Application Notes | 1N5227 Data Sheet | 1N5227 component | 1N5227 Fiche Technique | 1N5227 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |