|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MB86330 - 16-bit Fixed-point DSP - Fujitsu Component Limited. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPD77110 | 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS | 1 2 3 4 5 More | NEC |
| D950-CORE | 16-Bit Fixed Point Digital Signal Processor DSP Core | 1 2 3 4 5 More | STMicroelectronics |
| Z89320 | 16-BIT DSP DIGITAL SIGNAL PROCESSOR | 1 2 3 4 5 More | Zilog, Inc. |
| UPD77115 | 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR | 1 2 3 4 5 More | NEC |
| UPD77210 | 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR | 1 2 3 4 5 More | NEC |
| Z89462 | 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR | 1 2 3 4 5 More | Zilog, Inc. |
| SSP1601 | 16-bit Fixed Point DSP Core | 1 2 3 4 5 | Samsung semiconductor |
| AD766 | 16-Bit DSP DACPORT | 1 2 3 4 5 More | Analog Devices |
| TLV320AIC10 | General-Purpose 3V to 5.5V 16-bit 22-KSPS DSP CODEC | 1 2 3 4 5 More | Texas Instruments |
| TLV320AIC11 | General-Purpose Low-Voltage 1.1V to 3.6V/0 16-bit 22-KSPS DSP CODEC | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 |
Link URL |
|
|