Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD23280EA Datasheet (PDF) - Fujitsu Component Limited.

MB84VD23280EA Datasheet PDF - Fujitsu Component Limited.
Part # MB84VD23280EA
Download  MB84VD23280EA Download

File Size   771.45 Kbytes
Page   45 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM

MB84VD23280EA Datasheet (PDF)

Go To PDF Page Download Datasheet
MB84VD23280EA Datasheet PDF - Fujitsu Component Limited.

Part # MB84VD23280EA
Download  MB84VD23280EA Click to download

File Size   771.45 Kbytes
Page   45 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM

MB84VD23280EA Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB84VD23280EA Datasheet HTML 1Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 2Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 3Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 4Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 5Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 6Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 7Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 8Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 9Page - Fujitsu Component Limited. MB84VD23280EA Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB84VD23280EA Product details

■ FEATURES
• Power supply voltage of 2.7 V to 3.3 V
• High performance
    90 ns maximum access time (Flash)
    70 ns maximum access time (SRAM)
• Operating Temperature
    –25 °C to +85 °C
• Package 101-ball BGA

— FLASH MEMORY
• Simultaneous Read/Write operations (flex bank)
    Two virtual Banks are chosen from the combination of four physical banks
    Host system can program or erase in one bank, then read immediately and simultaneously read from the other
    bank between read and write operations
    Read-while-erase
    Read-while-program
• Minimum 100,000 write/erase cycles
• Sector erase architecture
    Sixteen 4 K words and one hundred twenty-six 32 K word.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Embedded EraseTM* Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready-Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC write inhibit ≤ 2.5 V
• Hidden ROM (Hi-ROM) region
    256 byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
    Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
    At VIL, allows protection of 2 of 8 Kbytes on both ends of each boot sector, regardless of sector protection/
    unprotection status.
    At VIH, allows removal of boot sector protection
    At VACC, increases program performance
• Program Suspend/Resume
    Suspends the program operation to allow a read in another address
• Erase Suspend/Resume
    Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL640E” data sheet in detailed function

— SRAM
• Power dissipation
    Operating : 50 mA Max.
    Standby : 25 µA Max.
• Power down features using CE1s and CE2s
• Data retention supply voltage: 1.5 V to 3.3 V
• CE1s and CE2s Chip Select
• Byte data control: LBs (DQ7-DQ0), UBs (DQ15-DQ8)




Similar Part No. - MB84VD23280EA

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD23280FA-70 SPANSION-MB84VD23280FA-70 Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD23280FA-70PBS SPANSION-MB84VD23280FA-70PBS Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
More results


Similar Description - MB84VD23280EA

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com