|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FAR-C3CM-04194-G00-R - Piezoelectric Resonator (4 to 20 MHz) - Fujitsu Component Limited. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FAR-C4C | Piezoelectric Resonator 4 to 16 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C4CL | Piezoelectric Resonator 24 to 40 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C4CN | Piezoelectric Resonator 4 to 23.9 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-F5CE-D2 | Piezoelectric SAW BPF 700 to 1000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| RO2073A | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2073A-6 | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2104 | 303.825 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2122A | 293.125 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2164D | 868.35 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RP1308 | 433.92 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|
Related keyword |
| FAR-C3CM-04194-G00-R Datasheet | FAR-C3CM-04194-G00-R Cross Reference | FAR-C3CM-04194-G00-R Schematic | FAR-C3CM-04194-G00-R Distributor | FAR-C3CM-04194-G00-R Datenblatt | FAR-C3CM-04194-G00-R RoHS |
| FAR-C3CM-04194-G00-R Equivalent | FAR-C3CM-04194-G00-R Application Notes | FAR-C3CM-04194-G00-R Data Sheet | FAR-C3CM-04194-G00-R component | FAR-C3CM-04194-G00-R Fiche Technique | FAR-C3CM-04194-G00-R Circuit |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |