|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
6MBI50L-060 - IGBT(600V 50A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PCHMB50A6 | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50A6A | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| STGY40NC60V | N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| PTMB50A6 | IGBT MODULE Six-Pack 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| STGE50NB60HD | N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| STGW40NC60V | N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH⢠IGBT | 1 2 3 4 5 More | STMicroelectronics |
| PDMB50A6 | IGBT MODULE Dual 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| STGW50NB60H | N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT | 1 2 3 4 5 | STMicroelectronics |
| PBMB50A6 | IGBT MODULE H_Bridge 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| STGW50NB60M | N-CHANNEL 50A - 600V - TO-247 PowerMESH⢠IGBT | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|