|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
6MBI25LB-120 - IGBT(1200V 25A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 7MBR25NE120 | IGBT 1200V/25A/PIM | 1 2 3 4 5 More | Fuji Electric |
| HGTG5N120CND | 25A 1200V NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Intersil Corporation |
| HGTP5N120CN | 25A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| PP600D120 | POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| HGTG27N120BN | 72A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| 6MBI15S-120 | IGBT MODULE S series 1200V / 15A | 1 2 3 4 | Fuji Electric |
| HGTG20N120CN | 63A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| PCHMB150B12A | IGBT MODULE Chopper 150A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB200B12C | IGBT MODULE Dual 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|