Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDV18N06L Datasheet (PDF) - ON Semiconductor

NTDV18N06L Datasheet PDF - ON Semiconductor
Part # NTDV18N06L
Download  NTDV18N06L Download

File Size   169.03 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK

NTDV18N06L Datasheet (PDF)

Go To PDF Page Download Datasheet
NTDV18N06L Datasheet PDF - ON Semiconductor

Part # NTDV18N06L
Download  NTDV18N06L Click to download

File Size   169.03 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK

NTDV18N06L Datasheet (HTML) - ON Semiconductor

NTDV18N06L Datasheet HTML 1Page - ON Semiconductor NTDV18N06L Datasheet HTML 2Page - ON Semiconductor NTDV18N06L Datasheet HTML 3Page - ON Semiconductor NTDV18N06L Datasheet HTML 4Page - ON Semiconductor NTDV18N06L Datasheet HTML 5Page - ON Semiconductor NTDV18N06L Datasheet HTML 6Page - ON Semiconductor NTDV18N06L Datasheet HTML 7Page - ON Semiconductor NTDV18N06L Datasheet HTML 8Page - ON Semiconductor

NTDV18N06L Product details

MOSFET – Power, N-Channel, Logic Level, DPAK 18 A, 60 V

Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits.

Features
• AEC Q101 Qualified − NTDV18N06L
• These Devices are Pb−Free and are RoHS Compliant

Typical Applications
• Power Supplies
• Converters
• Power Motor Controls
• Bridge Circuits




Similar Part No. - NTDV18N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
92Kb / 7P
   Power MOSFET
November, 2018 ??Rev. 8
More results


Similar Description - NTDV18N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF3055L108T3G ONSEMI-NVF3055L108T3G Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NVMFD5873NL ONSEMI-NVMFD5873NL Datasheet
127Kb / 6P
   Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2
NTF3055L175 ONSEMI-NTF3055L175 Datasheet
66Kb / 6P
   Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2
NTD25P03L ONSEMI-NTD25P03L_V01 Datasheet
234Kb / 9P
   MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
NTD6600N ONSEMI-NTD6600N Datasheet
69Kb / 6P
   Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4
NVD5890NL ONSEMI-NVD5890NL Datasheet
100Kb / 4P
   Power MOSFET 40 V, 3.7 m, 123 A, Single N.Channel DPAK
May, 2012 ??Rev. P0
NTMFS5844NL ONSEMI-NTMFS5844NL_13 Datasheet
111Kb / 6P
   Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
March, 2013 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com