|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI75N-120 - IGBT(1200V 75A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PP75B120 | POW-R-PAK 75A / 1200V H-Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PP75T120 | POW-R-PAK 75A / 1200V 3 phase IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PRHMB75B12 | IGBT MODULE Chopper 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB75B12A | IGBT MODULE Chopper 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| QIC1208001 | Dual AC Switch IGBT Module 1200V 75A | 1 2 | Powerex Power Semiconductors |
| HGTG30N120CN | 75A 1200V NPT Series N-Channel IGBT | 1 2 3 4 5 More | Intersil Corporation |
| PTMB75B12 | IGBT MODULE Six-Pack 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PBMB75B12 | IGBT MODULE H-Bridge 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PTMB75B12C | IGBT SP series Six-Pack 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB75B12 | IGBT MODULE Dual 75A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|