|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI50P-140 - IGBT(1400V 50A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PRHMB50A6 | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB50A6A | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| 2MBI300P-140 | 1400V/300A 2-Pack IGBT | 1 2 3 4 5 | Fuji Electric |
| PRHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50A6 | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB50B12A | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50A6A | IGBT MODULE Chopper 50A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| STGY40NC60V | N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
| PCHMB50B12A | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|