|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI50L-120 - IGBT(1200V 50A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PRHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB50B12A | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PTMB50B12 | IGBT MODULE Six-Pack 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PBMB50B12 | IGBT MODULE H-Bridge 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PTMB50B12C | IGBT SP series Six-Pack 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PBMB50B12C | IGBT MODULE H-Bridge 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB50B12 | IGBT MODULE Dual 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50B12A | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP600D120 | POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|