|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B120 - 1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B220 | 2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Fuji Electric |
| B320 | 3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Fuji Electric |
| CMSH3-20MA | SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP 20 THRU 100 VOLTS | 1 2 | Central Semiconductor Corp |
| CSHD5-40 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0 AMP 40 THRU 100 VOLTS | 1 2 | Central Semiconductor Corp |
| CZSH5-40 | SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP 40 VOLTS | 1 2 | Central Semiconductor Corp |
| DFLS120L | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MC420 | 40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode | 1 2 | Micro Commercial Components |
| SD1020S | 10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SL22 | 2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| FM5817 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere | 1 2 | Rectron Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|