|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI400N-060 - IGBT(600V,400A) - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PP400B060 | POW-R-PAK 400A / 600V H-Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PHMB400A6 | IGBT MODULE Single 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP400T060 | POW-R-PAK 400A / 600V 3 phase IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PRHMB400A6 | IGBT MODULE Chopper 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB400A6A | IGBT MODULE Chopper 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB400A6 | IGBT MODULE Chopper 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB400A6A | IGBT MODULE Chopper 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB400A6 | IGBT MODULE Dual 400A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP1200D060 | POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| STGP10NB60S | N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|