|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI300N-120 - 1200V 300A 2-Pack IGBT - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2MBI75S | IGBT MODULE S-Series 2-Pack IGBT 1200V 2X75A | 1 2 3 4 | Fuji Electric |
| 2MBI300NB-060 | 600V/300A 2-Pack IGBT | 1 2 3 4 | Fuji Electric |
| PCHMB300B12 | IGBT MODULE Chopper 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB300B12 | IGBT MODULE Dual 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| 2MBI300P-140 | 1400V/300A 2-Pack IGBT | 1 2 3 4 5 | Fuji Electric |
| PCHMB300B12A | IGBT MODULE Chopper 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB300B12C | IGBT MODULE Dual 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PHMB300B12 | IGBT MODULE Single 300A 1200V | 1 2 3 4 | Nihon Inter Electronics Corporation |
| PRHMB300B12 | IGBT MODULE Chopper 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB300B12A | IGBT MODULE Chopper 300A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|