|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI300N-060 - 600V / 300A 2 in one-package - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2MBI300NB-060-01 | 600V / 300A 2 in one-package | 1 2 3 4 | Fuji Electric |
| PCHMB300A6A | IGBT MODULE Chopper 300A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP300B060 | POW-R-PAK 300A / 600V H-Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PCHMB300A6AC | IGBT MODULE Chopper 300A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| MSK4890H | 600V/300A SCR/REGEN PEM | 1 2 3 4 5 | M.S. Kennedy Corporation |
| PCHMB300A6C | IGBT MODULE Chopper 300A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP300D060 | POW-R-PAK 300A / 600V Half Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| 2MBI200N-060-03 | 600V / 200A 2 in one-package | 1 2 3 4 | Fuji Electric |
| PDMB300A6 | IGBT MODULE Dual 300A 600V | 1 2 3 | Nihon Inter Electronics Corporation |
| 2MBI300N-120-01 | 1200V / 300A 2 in one-package | 1 2 3 4 | Fuji Electric |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|