|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2MBI200-120-01 - 1200V / 200A 2 in one-package - Fuji Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PCHMB200B12 | IGBT MODULE Chopper 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB200B12C2 | IGBT MODULE Dual 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| DMB200B12 | IGBT MODULE Dual 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| 2MBI200N-060-03 | 600V / 200A 2 in one-package | 1 2 3 4 | Fuji Electric |
| PP200B120 | POW-R-PAK 200A / 1200V H-Bridge IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PRHMB200B12 | IGBT MODULE Chopper 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP200T120 | POW-R-PAK 200A / 1200V 3 phase IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
| PHMB200B12 | IGBT MODULE Single 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PRHMB200B12A | IGBT MODULE Chopper 200A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PP225D060 | POW-R-PAK 200A / 1200V 3 phase IGBT Assembly | 1 2 3 4 5 More | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|