|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4735A - Zener diode - Formosa MS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3EZ3.9D5 | 3W SILICON ZENER DIODE | 1 2 | Jinan Gude Electronic Device |
| BZD142W | ZenBlockTM; zener with integrated blocking diode | 1 2 3 4 5 More | NXP Semiconductors |
| UMZ27N | Zener diode | 1 2 3 | Rohm |
| EDZ6.8B | Zener diode | 1 2 3 4 5 | Rohm |
| 1N5223B | 500mW 5% DO-35 ZENER DIODE | 1 2 | Rectron Semiconductor |
| DTDG14GP | Digital transistor built in resistor and zener diode Driver 60V 1A | 1 2 | Rohm |
| SI-5153S | High-side Power Switch with Diagnostic Function and Built-in Zener Diode | 1 2 | Sanken electric |
| CDZ3.6B | Zener diode | 1 2 3 4 5 | Rohm |
| CDZ16B | Zener diode | 1 2 3 4 5 | Rohm |
| EDZ12B | Zener diode | 1 2 3 4 5 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|