|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LMA110 - .5-6 GHz MESFET Amplifier - Filtronic Compound Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LMA183 | 2-18 GHz MESFET Amplifier | 1 2 3 | Filtronic Compound Semiconductors |
| LMA184 | 2-18 GHz MESFET Amplifier | 1 2 3 | Filtronic Compound Semiconductors |
| ZX60-8008E | Connectorized Amplifier 50 Ohm 20 MHz to 8 GHz | 1 2 | Mini-Circuits |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| AM42-0007 | GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz | 1 2 3 | Tyco Electronics |
| MA01502D | Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MAAM12032 | Low Noise Amplifier 1.7 - 2.0 GHz | 1 2 3 | Tyco Electronics |
| HMC318MS8G | GaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC388LP4 | MMIC VCO w/ BUFFER AMPLIFIER 3.15 - 3.4 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC422MS8 | GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 1.2 - 2.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|