|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PTB20190 - 175 Watts, 470-806 MHz Digital Television Power Transistor - Ericsson |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PH1090-175L | Avionics Pulsed Power Transistor - 175 Watts 1030-1090 MHz 250ms Pulse | 1 2 | Tyco Electronics |
| PTB20101 | 175 Watts P-Sync 470-860 MHz UHF TV Power Transistor | 1 2 3 | Ericsson |
| DU2880V | RF MOSFET Power Transistor 8OW 28V 2 - 175 MHz | 1 2 3 | Tyco Electronics |
| PTB20008 | 10 Watts 935-960 MHz Cellular Radio RF Power Transistor | 1 2 3 | Ericsson |
| PTB20111 | 85 Watts 860-900 MHz Cellular Radio RF Power Transistor | 1 2 3 | Ericsson |
| PH1920-90 | Wireless Power Transistor 90 Watts 1930-1990 MHz | 1 | Tyco Electronics |
| BU323A | 16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS | 1 2 3 4 5 More | Motorola, Inc |
| DU1230S | RF MOSFET Power Transistor 30W 12V 2 - 175 MHz | 1 2 3 | Tyco Electronics |
| PTB20009 | 2.5 Watts 935-960 MHz Cellular Radio RF Power Transistor | 1 2 | Ericsson |
| PTB20134 | 30 Watts 860-900 MHz Cellular Radio RF Power Transistor | 1 2 | Ericsson |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|