|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PGT20130 - 1510 nm DFB Laser for Supervisory Channel Applications - Ericsson |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PGT20140 | 1620 nm DFB Laser for Supervisory Channel Applications | 1 2 3 4 | Ericsson |
| PGT60106 | 1510 nm Transmitter Module for Supervisory Channel Applications | 1 2 3 4 | Ericsson |
| OL5207L-5-A10 | Service Channel DFB Laser Module 1510 nm 5 mW | 1 2 3 4 5 More | OKI electronic componets |
| D372 | D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications | 1 2 3 4 5 More | Agere Systems |
| PGT20102 | DFB/EA Laser Module for 2.5 Gb/s Applications | 1 2 3 4 | Ericsson |
| D572 | D572-Type 1.5 m m Uncooled DFB FastLight ⢠Laser Module for 2.5 Gbits/s and High Bandwidth Applications | 1 2 3 4 5 More | Agere Systems |
| PGT20306 | DFB/EA Laser Module for 2.5 Gb/s Applications | 1 2 3 4 | Ericsson |
| PGT20326 | DFB/EA Laser Module for 2.5 Gb/s Applications | 1 2 3 4 | Ericsson |
| PGT20327 | DFB/EA Laser Module for 2.5 Gb/s Applications | 1 2 3 4 | Ericsson |
| PGT20401 | DFB/EA Laser Module for 10 Gb/s Applications | 1 2 3 4 | Ericsson |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|