Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R128FKK8K Datasheet (PDF) - Elpida Memory

MC-4R128FKK8K Datasheet PDF - Elpida Memory
Part # MC-4R128FKK8K
Download  MC-4R128FKK8K Download

File Size   88.57 Kbytes
Page   13 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128MB 32-bit Direct Rambus DRAM RIMM Module

MC-4R128FKK8K Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4R128FKK8K Datasheet PDF - Elpida Memory

Part # MC-4R128FKK8K
Download  MC-4R128FKK8K Click to download

File Size   88.57 Kbytes
Page   13 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 128MB 32-bit Direct Rambus DRAM RIMM Module

MC-4R128FKK8K Datasheet (HTML) - Elpida Memory

Back Button MC-4R128FKK8K Datasheet HTML 1Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 2Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 3Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 4Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 5Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 6Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 7Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 8Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 9Page - Elpida Memory MC-4R128FKK8K Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4R128FKK8K Product details

Description
The 32-bit Direct Rambus RIMM module is a general purpose high-performance lines of memory modules suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and latency are required.

Features
• 128MB Direct RDRAM storage and 128 banks total on module
• 2 independent Direct RDRAM channels, 1 pass through and 1 terminated on 32-bit RIMM module
• High speed 800MHz Direct RDRAM devices
• 232 edge connector pads with 1mm pad spacing
    - Module PCB size: 133.35mm × 39.925mm × 1.27mm
    - Gold plated edge connector pads contacts
• Serial Presence Detect (SPD) support
• Operates from a 2.5V (±5%) supply
• Low power and power down self refresh modes
• Separate Row and Column buses for higher efficiency



Similar Part No. - MC-4R128FKK8K

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKK6K ELPIDA-MC-4R128FKK6K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R128FKK6K-840 ELPIDA-MC-4R128FKK6K-840 Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
More results


Similar Description - MC-4R128FKK8K

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R128FKK6K ELPIDA-MC-4R128FKK6K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK6K ELPIDA-MC-4R512FKK6K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com