Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7556BC Datasheet (PDF) - Elantec Semiconductor

EL7556BC Datasheet PDF - Elantec Semiconductor
Part # EL7556BC
Download  EL7556BC Download

File Size   322.47 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Integrated Adjustable 6 Amp Synchronous Switcher

EL7556BC Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7556BC Datasheet PDF - Elantec Semiconductor

Part # EL7556BC
Download  EL7556BC Click to download

File Size   322.47 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Integrated Adjustable 6 Amp Synchronous Switcher

EL7556BC Datasheet (HTML) - Elantec Semiconductor

Back Button EL7556BC Datasheet HTML 1Page - Elantec Semiconductor EL7556BC Datasheet HTML 2Page - Elantec Semiconductor EL7556BC Datasheet HTML 3Page - Elantec Semiconductor EL7556BC Datasheet HTML 4Page - Elantec Semiconductor EL7556BC Datasheet HTML 5Page - Elantec Semiconductor EL7556BC Datasheet HTML 6Page - Elantec Semiconductor EL7556BC Datasheet HTML 7Page - Elantec Semiconductor EL7556BC Datasheet HTML 8Page - Elantec Semiconductor EL7556BC Datasheet HTML 9Page - Elantec Semiconductor EL7556BC Datasheet HTML 10Page - Elantec Semiconductor Next Button 

EL7556BC Product details

General Description
The EL7556BC is an adjustable synchronous DC:DC switching regulator optimized for a 5V input and 1.0V-3.8V output. By combining integrated NMOS power FETS with a fused-lead package, the EL7556BC can supply up to 6A continuous output current without the use of external power devices or discrete heat sinks, thereby minimizing design effort and overall system cost.

Features
• EL7556C/EL7556AC Pincompatible
• Improved temperature and voltage ranges
• 6A continuous load current
• Precision internal 1% reference
• 1.0V to 3.8V output voltage
• Internal power MOSFETs
• >90% efficiency
• Synchronous switching
• Adjustable slope compensation
• Over-temperature indicator
• Pulse-by-pulse current limiting
• Operates up to 1MHz
• 1.5% typical output accuracy
• Adjustable oscillator with sync
• Remote enable/disable
• Intel P54- and P55-compatible
• VCC2DET interface
• Internal soft-start

Applications
• PC motherboards
• Local high power CPU supplies
• 5V to 1.0V DC:DC conversion
• Portable electronics/instruments
• P54 and P55 regulators
• GTL+ Bus power supply




Similar Part No. - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7556BCM INTERSIL-EL7556BCM Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556BCM-T13 INTERSIL-EL7556BCM-T13 Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results


Similar Description - EL7556BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com