Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5420CS Datasheet (PDF) - Elantec Semiconductor

EL5420CS Datasheet PDF - Elantec Semiconductor
Part # EL5420CS
Download  EL5420CS Download

File Size   275.6 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5420CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5420CS Datasheet PDF - Elantec Semiconductor

Part # EL5420CS
Download  EL5420CS Click to download

File Size   275.6 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5420CS Datasheet (HTML) - Elantec Semiconductor

Back Button EL5420CS Datasheet HTML 1Page - Elantec Semiconductor EL5420CS Datasheet HTML 2Page - Elantec Semiconductor EL5420CS Datasheet HTML 3Page - Elantec Semiconductor EL5420CS Datasheet HTML 4Page - Elantec Semiconductor EL5420CS Datasheet HTML 5Page - Elantec Semiconductor EL5420CS Datasheet HTML 6Page - Elantec Semiconductor EL5420CS Datasheet HTML 7Page - Elantec Semiconductor EL5420CS Datasheet HTML 8Page - Elantec Semiconductor EL5420CS Datasheet HTML 9Page - Elantec Semiconductor EL5420CS Datasheet HTML 10Page - Elantec Semiconductor Next Button 

EL5420CS Product details

General Description

The EL5420C and EL5220C are low power, high voltage, rail-to-rail input-output amplifiers. The EL5220C contains two amplifiers in one package, and the EL5420C contains four amplifiers. Operating on supplies ranging from 5V to 15V, while consuming only 500µA peramplifier, the EL5420C and EL5220C have a bandwidth of 12MHz -- (-3dB). They also provide common mode input ability beyond the supply rails, as well as rail-to-rail output capability. This enables these amplifiers to offer maximum dynamic range at any supply voltage.



Features

• 12MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per amplifier) = 500µA

• High slew rate = 10V/µs

• Unity-gain stable

• Beyond the rails input capability

• Rail-to-rail output swing

• Ultra-small package



Applications

• TFT-LCD drive circuits

• Electronics notebooks

• Electronics games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation

• Sampling ADC amplifiers

• Wireless LANs

• Office automation

• Active filters

• ADC/DAC buffer




Similar Part No. - EL5420CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CS INTERSIL-EL5420CS Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CS-T13 INTERSIL-EL5420CS-T13 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CS-T7 INTERSIL-EL5420CS-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CSZ INTERSIL-EL5420CSZ Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CSZ INTERSIL-EL5420CSZ Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
More results


Similar Description - EL5420CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com