Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2583 Datasheet (PDF) - NEC

2SD2583 Datasheet PDF - NEC
Part # 2SD2583
Download  2SD2583 Download

File Size   46.51 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS

2SD2583 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2583 Datasheet PDF - NEC

Part # 2SD2583
Download  2SD2583 Click to download

File Size   46.51 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS

2SD2583 Datasheet (HTML) - NEC

2SD2583 Datasheet HTML 1Page - NEC 2SD2583 Datasheet HTML 2Page - NEC 2SD2583 Datasheet HTML 3Page - NEC 2SD2583 Datasheet HTML 4Page - NEC 2SD2583 Datasheet HTML 5Page - NEC 2SD2583 Datasheet HTML 6Page - NEC 2SD2583 Datasheet HTML 7Page - NEC 2SD2583 Datasheet HTML 8Page - NEC

2SD2583 Product details

FEATURES
• Low VCE(sat)
   VCE(sat) = 0.15 V Max (@lC/lB = 1.0 A/50 mA)
• High DC Current Gain
   hEF = 150 to 600 (@VCE = 2.0 V, lC = 1.0 A)



Similar Part No. - 2SD2583

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SD2583 ISC-2SD2583 Datasheet
56Kb / 2P
   isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
2SD2583 THINKISEMI-2SD2583 Datasheet
304Kb / 5P
   NPN Silicon Epitaxial Power Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD2583 WINNERJOIN-2SD2583 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SD2583 FOSHAN-2SD2583 Datasheet
827Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results


Similar Description - 2SD2583

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1658 NEC-2SB1658 Datasheet
47Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SB1657 NEC-2SB1657 Datasheet
47Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SD2582 NEC-2SD2582 Datasheet
46Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Unisonic Technologies
UTC2SC945 UTC-UTC2SC945 Datasheet
58Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
logo
Toshiba Semiconductor
2SC4666 TOSHIBA-2SC4666 Datasheet
153Kb / 3P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER, SWITCHING APPLICATIONS)
logo
NEC
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com