Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5408 Datasheet (PDF) - NEC

2SC5408 Datasheet PDF - NEC
Part # 2SC5408
Download  2SC5408 Download

File Size   50.84 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION

2SC5408 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5408 Datasheet PDF - NEC

Part # 2SC5408
Download  2SC5408 Click to download

File Size   50.84 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION

2SC5408 Datasheet (HTML) - NEC

2SC5408 Datasheet HTML 1Page - NEC 2SC5408 Datasheet HTML 2Page - NEC 2SC5408 Datasheet HTML 3Page - NEC 2SC5408 Datasheet HTML 4Page - NEC 2SC5408 Datasheet HTML 5Page - NEC 2SC5408 Datasheet HTML 6Page - NEC 2SC5408 Datasheet HTML 7Page - NEC 2SC5408 Datasheet HTML 8Page - NEC

2SC5408 Product details

FEATURE
• High fT
    17 GHz TYP.
• High gain
    |S21e|2 = 15.5 dB TYP.
    @f = 2 GHz, VCE = 2 V, IC = 7 mA
• NF = 1.1 dB, @f = 2 GHz VCE = 2 V, IC = 1 mA
• 6-pin Small Mini Mold Package



Similar Part No. - 2SC5408

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5404 TOSHIBA-2SC5404 Datasheet
227Kb / 5P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
Savantic, Inc.
2SC5404 SAVANTIC-2SC5404 Datasheet
243Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5404 JMNIC-2SC5404 Datasheet
154Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5404 ISC-2SC5404 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5404 SAVANTIC-2SC5404 Datasheet
245Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC5408

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5409 NEC-2SC5409 Datasheet
39Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
NE699M01 NEC-NE699M01 Datasheet
50Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
NE698M01 NEC-NE698M01 Datasheet
60Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIFH-GAIN AMPLIFICATION
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
logo
New Jersey Semi-Conduct...
2SC3604 NJSEMI-2SC3604 Datasheet
198Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
NEC
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3603 NEC-2SC3603 Datasheet
89Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com