|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZMM11 - 500mW SURFACE MOUNT ZENER DIODE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| MMSZ5221B | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| CDLL5518 | LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE 500mW | 1 2 | Microsemi Corporation |
| ZMM5221B | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| BZX84C2V4 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Won-Top Electronics |
| 1N5221B-LCC3 | ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS | 1 2 | Seme LAB |
| BZX84C2V4S | DUAL 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| 1SMA5917 | SURFACE MOUNT SILICON ZENER DIODE | 1 2 3 4 5 | Continental Device India Limited |
| CZRA4741 | SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Comchip Technology |
| BZX84C2V4T | 1500W SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|