|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMSZ5221BS - SURFACE MOUNT ZENER DIODE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CLL5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS | 1 2 | Central Semiconductor Corp |
| ZMM2V4 | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| CMKTC825A | SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE | 1 2 | Central Semiconductor Corp |
| CZRA1110 | Surface Mount Zener Diode | 1 2 3 | Comchip Technology |
| BZX84C2V4 | 300mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| ZMM5221B | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| CMKZ5221B | SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| BZX84B5V1 | SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS | 1 2 | Central Semiconductor Corp |
| BZX84C2V4 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Won-Top Electronics |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
Datasheet Page |
1 2 3 |
Link URL |
|
|