Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101 Datasheet (PDF) - Diodes Incorporated

HER101 Datasheet PDF - Diodes Incorporated
Part # HER101
Download  HER101 Download

File Size   59.13 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A HIGH EFFICIENCY RECTIFIER

HER101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER101 Datasheet PDF - Diodes Incorporated

Part # HER101
Download  HER101 Click to download

File Size   59.13 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A HIGH EFFICIENCY RECTIFIER

HER101 Datasheet (HTML) - Diodes Incorporated

HER101 Datasheet HTML 1Page - Diodes Incorporated HER101 Datasheet HTML 2Page - Diodes Incorporated

HER101 Product details

Features
• Low Leakage
• Low Forward Voltage Drop
• High Current Capability
• High Speed Switching
• Plastic Material: UL Flammability
   Classification Rating 94V-0




Similar Part No. - HER101

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
HER101 PFS-HER101 Datasheet
167Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER101 DGNJDZ-HER101 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
First Components Intern...
HER101 FCI-HER101 Datasheet
131Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW FORWARD VOLTAGE DROP
logo
Leshan Radio Company
HER101 LRC-HER101 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
More results


Similar Description - HER101

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER101 WTE-HER101 Datasheet
47Kb / 3P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
MUR105 ZSELEC-MUR105 Datasheet
227Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
UF4001 ZSELEC-UF4001 Datasheet
140Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
HER101 ZSELEC-HER101 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com