|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX84C2V4 - 300mW SURFACE MOUNT ZENER DIODE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AZ23C2V7 | 300mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DZ23C2V7 | 300mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZ9693 | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| CMPZDA2V4 | SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW | 1 2 | Central Semiconductor Corp |
| ZM200-X | 1WATT SURFACE MOUNT ZENER DIODE | 1 2 | Formosa MS |
| 1SMC5348 | SURFACE MOUNT SILICON ZENER DIODE | 1 2 3 4 5 | Transys Electronics |
| SMAZ100 | 1.0W SURFACE MOUNT ZENER DIODE | 1 2 3 | Vishay Siliconix |
| FQZX363C5V6 | QUAD SURFACE MOUNT ZENER DIODE ARRAY | 1 2 3 4 | Jiangsu Changjiang Electronics Technology Co., Ltd |
| SMAZ5V1 | 1.0A SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| CZRM27C3V6P | Surface Mount Zener Diode | 1 2 3 | Comchip Technology |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|