|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX55C2V4 - 500mW ZENER DIODE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CLL4678 | LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ4099 | LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| NTE5010T1 | Zener Diode 500mW ±1% Tolerance | 1 | NTE Electronics |
| CMHZ4614 | 500mW LOW NOISE ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ4678 | LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| 1N5221B | 500mw Epitaxial Zener Diode | 1 2 | Comchip Technology |
| 1N5221B | 500mW EPITAXIAL ZENER DIODE | 1 2 | Diodes Incorporated |
| 1N5223B | 500mW 5% DO-35 ZENER DIODE | 1 2 | Rectron Semiconductor |
| MMSZ5221B | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|