Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1657 Datasheet (PDF) - NEC

2SB1657 Datasheet PDF - NEC
Part # 2SB1657
Download  2SB1657 Download

File Size   47.45 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS

2SB1657 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1657 Datasheet PDF - NEC

Part # 2SB1657
Download  2SB1657 Click to download

File Size   47.45 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS

2SB1657 Datasheet (HTML) - NEC

2SB1657 Datasheet HTML 1Page - NEC 2SB1657 Datasheet HTML 2Page - NEC 2SB1657 Datasheet HTML 3Page - NEC 2SB1657 Datasheet HTML 4Page - NEC 2SB1657 Datasheet HTML 5Page - NEC 2SB1657 Datasheet HTML 6Page - NEC 2SB1657 Datasheet HTML 7Page - NEC 2SB1657 Datasheet HTML 8Page - NEC

2SB1657 Product details

SILICON TRANSISTOR

FEATURES
• Low VCE(sat)
    VCE(sat) = −0.15 V Max (@lC/lB = 0.5 A/25 mA)
• High DC Current Gain
    hFE = 150 to 600 (@VCE = −2.0 V, lC = −0.5 A)



Similar Part No. - 2SB1657

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1657 JMNIC-2SB1657 Datasheet
153Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1657 ISC-2SB1657 Datasheet
128Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
logo
Renesas Technology Corp
2SB1657 RENESAS-2SB1657 Datasheet
174Kb / 10P
   SILICON TRANSISTOR
1996
More results


Similar Description - 2SB1657

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1658 NEC-2SB1658 Datasheet
47Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2582 NEC-2SD2582 Datasheet
46Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2583 NEC-2SD2583 Datasheet
46Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
2SA1612 NEC-2SA1612 Datasheet
192Kb / 4P
   AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MPSA56 KEC-MPSA56 Datasheet
57Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com