Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11N1M Datasheet (PDF) - Fairchild Semiconductor

H11N1M Datasheet PDF - Fairchild Semiconductor
Part # H11N1M
Download  H11N1M Download

File Size   248.29 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6-Pin DIP High Speed Logic Optocouplers

H11N1M Datasheet (PDF)

Go To PDF Page Download Datasheet
H11N1M Datasheet PDF - Fairchild Semiconductor

Part # H11N1M
Download  H11N1M Click to download

File Size   248.29 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6-Pin DIP High Speed Logic Optocouplers

H11N1M Datasheet (HTML) - Fairchild Semiconductor

H11N1M Datasheet HTML 1Page - Fairchild Semiconductor H11N1M Datasheet HTML 2Page - Fairchild Semiconductor H11N1M Datasheet HTML 3Page - Fairchild Semiconductor H11N1M Datasheet HTML 4Page - Fairchild Semiconductor H11N1M Datasheet HTML 5Page - Fairchild Semiconductor H11N1M Datasheet HTML 6Page - Fairchild Semiconductor H11N1M Datasheet HTML 7Page - Fairchild Semiconductor H11N1M Datasheet HTML 8Page - Fairchild Semiconductor H11N1M Datasheet HTML 9Page - Fairchild Semiconductor H11N1M Datasheet HTML 10Page - Fairchild Semiconductor

H11N1M Product details

Description
The H11NXM series has a high speed integrated circuit detector optically coupled to an AlGaAs infrared emitting diode. The output incorporates a Schmitt trigger, which provides hysteresis for noise immunity and pulse shaping. The detector circuit is optimized for simplicity of operation and utilizes an open collector output for maximum application flexibility.

Features
■ High data rate, 5MHz typical (NRZ)
■ Free from latch up and oscilliation throughout voltage and temperature ranges.
■ Microprocessor compatible drive
■ Logic compatible output sinks 16mA at 0.5V maximum
■ Guaranteed on/off threshold hysteresis
■ Wide supply voltage capability, compatible with all popular logic systems
■ High common mode transient immunity, 2000V/µs minimum
■ Fast switching tr = 7.5ns typical, tf = 12ns typical
■ Underwriter Laboratory (UL) recognized— file #E90700
■ VDE recognized—File#102497 – Add option V (e.g., H11N1VM)

Applications
■ Logic to logic isolator
■ Programmable current level sensor
■ Line receiver—eliminate noise and transient problems
■ A.C. to TTL conversion—square wave shaping
■ Interfaces computers with peripherals
■ Isolated power MOS driver for power supplies




Similar Part No. - H11N1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
logo
ON Semiconductor
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
More results


Similar Description - H11N1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
CNY17 ONSEMI-CNY17 Datasheet
372Kb / 12P
   6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
   FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com