|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XC145481P - 3 V PCM Codec-Filter - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC145480 | 5V PCM CODEC-FILTER | 1 2 3 4 5 More | Motorola, Inc |
| MC145483 | 3V 13-BIT LINEAR PCM CODEC-FILTER | 1 2 3 4 5 More | Motorola, Inc |
| MC145484 | 5V PCM CODEC-FILTER | 1 2 3 4 5 More | Motorola, Inc |
| MC145554 | PCM Codec-Filter | 1 2 3 4 5 More | Motorola, Inc |
| MC145482 | 5V 13-BIT LINEAR PCM CODEC-FILTER | 1 2 3 4 5 More | Motorola, Inc |
| MC145481 | 3V PCM CODEC-FILTER | 1 2 3 4 5 More | Motorola, Inc |
| MC145500 | PCM CODEC-FILTER MONO- CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| UPD9625L | CMOS PCM CODEC-Filter Combination | 1 2 | NEC |
| MC14LC5480 | 5 V PCM Codec-Filter | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| TP3094 | Quad PCM Codec/Filter | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|