|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
CS3972 - 1.25A High Efficiency Switching Regulator - Cherry Semiconductor Corporation |
|
Click CS3972 to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LT1072 | 1.25A High Efficiency Switching Regulator | Linear Technology |
| LTC1735-1 | High Efficiency Synchronous Step-Down Switching Regulator | Linear Technology |
| LT1370 | 500kHz High Efficiency 6A Switching Regulator | Linear Technology |
| LTC1435 | High Efficiency Low Noise Synchronous Step-Down Switching Regulator | Linear Technology |
| LTC1735 | High Efficiency Synchronous Step-Down Switching Regulator | Linear Technology |
| LM3477 | High Efficiency High-Side N-Channel Controller for Switching Regulator | National Semiconductor |
| LT1371 | 500kHz High Efficiency 3A Switching Regulator | Linear Technology |
| LTC1435A | High Efficiency Low Noise Synchronous Step-Down Switching Regulator | Linear Technology |
| LTC1736 | 5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator | Linear Technology |
| LM26001 | 1.5A Switching Regulator with High Efficiency Sleep MODE | National Semiconductor |
Link URL |
|
|
Related keyword |
| CS3972 Datasheet | CS3972 Cross Reference | CS3972 Schematic | CS3972 Distributor | CS3972 Datenblatt | CS3972 RoHS |
| CS3972 Equivalent | CS3972 Application Notes | CS3972 Data Sheet | CS3972 component | CS3972 Fiche Technique | CS3972 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |