Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKE350 Datasheet (PDF) - Nell Semiconductor Co., Ltd

NKE350 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # NKE350
Download  NKE350 Download

File Size   337.44 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 350 A

NKE350 Datasheet (PDF)

Go To PDF Page Download Datasheet
NKE350 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # NKE350
Download  NKE350 Click to download

File Size   337.44 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Standard Recovery Diodes, 350 A

NKE350 Datasheet (HTML) - Nell Semiconductor Co., Ltd

NKE350 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKE350 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKE350 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKE350 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKE350 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd



Similar Part No. - NKE350

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKE350 NELLSEMI-NKE350 Datasheet
690Kb / 5P
   Standard Recovery Diodes
NKE35004 NELLSEMI-NKE35004 Datasheet
690Kb / 5P
   Standard Recovery Diodes
NKE35008 NELLSEMI-NKE35008 Datasheet
690Kb / 5P
   Standard Recovery Diodes
NKE35012 NELLSEMI-NKE35012 Datasheet
690Kb / 5P
   Standard Recovery Diodes
NKE35016 NELLSEMI-NKE35016 Datasheet
690Kb / 5P
   Standard Recovery Diodes
More results


Similar Description - NKE350

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD350 NELLSEMI-NKD350 Datasheet
460Kb / 4P
   Standard Diodes, 350 A
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 08-Mar-11
logo
Nell Semiconductor Co.,...
NKE160A NELLSEMI-NKE160A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A
NKD240A NELLSEMI-NKD240A Datasheet
354Kb / 4P
   Standard Recovery Diodes, 240 A
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKE500 NELLSEMI-NKE500 Datasheet
336Kb / 5P
   Standard Recovery Diodes, 500 A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com