Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W10 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

W10 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # W10
Download  W10 Download

File Size   140.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

W10 Datasheet (PDF)

Go To PDF Page Download Datasheet
W10 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # W10
Download  W10 Click to download

File Size   140.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

W10 Datasheet (HTML) - Shanghai Lunsure Electronic Tech

W10 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech W10 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech

W10 Product details

Voltage: 50 TO 1000V CURRENT:1.0A

FEATURES
   Ideal for printed circuit board
   Surge overload rating: 50A peak
   High case dielectric strength




Similar Part No. - W10

ManufacturerPart #DatasheetDescription
logo
Surge Components
W10 SURGE-W10 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Shenzhen Yixinwei Techn...
W10 YIXIN-W10 Datasheet
250Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Daya Electric Group Co....
W10 DAYA-W10 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
W10 YFWDIODE-W10 Datasheet
119Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Semtech Corporation
W10 SEMTECH-W10 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
More results


Similar Description - W10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com