|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4732 - 1W SILICON PLANAR ZENER DIODES - Shanghai Lunsure Electronic Tech |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZPD27 | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 | Shanghai Lunsure Electronic Tech |
| ZMU100 | SILICON PLANAR POWER ZENER DIODES | 1 2 3 | GOOD-ARK Electronics |
| HZK-L | Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply | 1 2 3 4 5 More | Hitachi Semiconductor |
| 1CZ47 | SILICON PLANAR ZENER DIODES | 1 2 3 | Continental Device India Limited |
| BZX55 | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 4 | Shanghai Lunsure Electronic Tech |
| ZMY1 | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | GOOD-ARK Electronics |
| ZPD27 | SILICON PLANAR ZENER DIODES | 1 2 3 | GOOD-ARK Electronics |
| ZMM1-2P | Surface mount Silicon Planar Zener Diodes | 1 2 3 | Diotec Semiconductor |
| ZMM1 | Surface mount Silicon Planar Zener Diodes | 1 2 3 4 | Diotec Semiconductor |
| 1N4728 | SILICON PLANAR POWER ZENER DIODES | 1 2 3 | GOOD-ARK Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|