Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEPLZ44 Datasheet (PDF) - Chino-Excel Technology

CEPLZ44 Datasheet PDF - Chino-Excel Technology
Part # CEPLZ44
Download  CEPLZ44 Download

File Size   511.12 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CEPLZ44 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEPLZ44 Datasheet PDF - Chino-Excel Technology

Part # CEPLZ44
Download  CEPLZ44 Click to download

File Size   511.12 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CEPLZ44 Datasheet (HTML) - Chino-Excel Technology

CEPLZ44 Datasheet HTML 1Page - Chino-Excel Technology CEPLZ44 Datasheet HTML 2Page - Chino-Excel Technology CEPLZ44 Datasheet HTML 3Page - Chino-Excel Technology CEPLZ44 Datasheet HTML 4Page - Chino-Excel Technology CEPLZ44 Datasheet HTML 5Page - Chino-Excel Technology

CEPLZ44 Product details

FEATURES
■ 55V, 60A, RDS(ON) = 20mΩ @VGS = 10V.
                    RDS(ON) = 25mΩ @VGS = 5V.
■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ TO-220 & TO-263 package.




Similar Part No. - CEPLZ44

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
780Kb / 3P
   PIEZO BUZZER TRANSDUCER
03/12/2020
logo
CUI Devices
CEP-1106 CUID-CEP-1106 Datasheet
756Kb / 3P
   PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CEP-1106 CUI-CEP-1106_V01 Datasheet
780Kb / 3P
   PIEZO BUZZER TRANSDUCER
03/12/2020
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
   piezo audio transducer
More results


Similar Description - CEPLZ44

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com