|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N4078 - 12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5% - Compensated Deuices Incorporated |
|
Click 1N4078 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N4775 | 8.5 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| 1N4916 | 19.2 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| 1N935 | 9.0 VOLT NOMINAL ZENER VOLTAGE | Compensated Deuices Incorporated |
| CMZ5342B | HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W 5% TOLERANCE | Central Semiconductor Corp |
| 1N941 | 11.7 VOLT NOMINAL ZENER VOLTAGE | Compensated Deuices Incorporated |
| CMZ5921B | SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS กพ 5% TOLERANCE | Central Semiconductor Corp |
| CD3154 | 8.4 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CD935 | 9.0 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CDLL4765 | 9.1 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CZ5333B | 5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| 1N4078 Datasheet | 1N4078 Cross Reference | 1N4078 Schematic | 1N4078 Distributor | 1N4078 Datenblatt | 1N4078 RoHS |
| 1N4078 Equivalent | 1N4078 Application Notes | 1N4078 Data Sheet | 1N4078 component | 1N4078 Fiche Technique | 1N4078 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |