|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4057 - 12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5% - Compensated Deuices Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4775 | 8.5 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| 1N4916 | 19.2 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| 1N935 | 9.0 VOLT NOMINAL ZENER VOLTAGE | 1 2 | Compensated Deuices Incorporated |
| CMZ5342B | HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| 1N941 | 11.7 VOLT NOMINAL ZENER VOLTAGE | 1 2 | Compensated Deuices Incorporated |
| CMZ5921B | SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS ± 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CD3154 | 8.4 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| CD935 | 9.0 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| CDLL4765 | 9.1 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| CZ5333B | 5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
Datasheet Page |
1 2 |
Link URL |
|
|